|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Connectors (Inlets/Outlets) www.schurter.com/pg07 Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal 200 70 C Description -PanelMount: Snap-inversion,Frontside -ApplianceInlet,Pintemperature70C,ProtectionclassII,Solderor Quick-Connect References Weblinks GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories Technical Data RatingsIEC AllowableOperationTemp. DegreeofProtection ProtectionClass PanelThicknesss Material:Housing 7A/48VAC;50Hz -25Cto70C fromfrontsideIP20acc.toIEC60529 Suitableforapplianceswithprotection class2acc.toIEC61140 Snap-inversionfrom1mmto1.5mm UL94V-0 29mm Dimensions 29 25.5 - 0 +0.2 16.1 - 0 15.9 21 + - +0.2 R <3 22 2 lenght of the terminal please find at the order code configuration table Dimension "X" please ref. to table order code 17 Connectors 200 www.schurter.com/pg07 Config. Code Connectors (Inlets/Outlets) ProductConfigurator 1200|-|H|-|A|B|C|0-|D|-|E|G|F| Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables. 1200|-| H |-|A|B|C|0-|D|-|E|G|F| = Type Type protection class 1 1200|-|H|-|A|B| C |0-|D|-|E|G|F| = Terminals Configuration key X SymbolssimilarasintableA Terminal Ground Configuration key 1200|-|H|-| A |B|C|0-|D|-|E|G|F| = Terminals Terminal L short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) Configuration key 2 3 4 1200|-|H|-|A|B|C|0-| D |-|E|G|F| = Color Color jet black; RAL9005 silver grey; RAL7001 pure white; RAL9010 standardcolor:black Configuration key A B D PCB-terminal (short) 5 1200|-|H|-|A|B|C|0-|D|-| E |G|F| = Style PCB-terminal (long) blade terminal (2,8x0,8mm) 6 7 Style snap-in standard type Configuration key 3 1200|-|H|-|A| B |C|0-|D|-|E|G|F| = Terminals Terminal N short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) PCB-terminal (short) PCB-terminal (long) blade terminal (2,8x0,8mm) SymbolssimilarasintableA 1200|-|H|-|A|B|C|0-|D|-|E| G |F| = Dimension X Configuration key 2 3 4 5 6 7 Dimension "X" 00 Configuration key Thedimension"X"isdispalyedin(1/10mm).Thisinformationisalsovalidforthe ordercode 1200|-|H|-|A|B|C|0-|D|-|E|G| F | = Orientation of Terminals Orientation of Terminals horizontal vertical vertical right Configuration key A B C Variants Config. Code 1200-X-2200-A-300B Description 1200, Special Connector Designs, 70C, version: II, L: short solder terminal (L=4,8mm), N: short solder terminal (L=4,8mm), color: jet black; RAL9005, design: snap-in standard type, dimension X: 00 Order Number 4311.0001 ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact Packaging unit 100Pcs 2 Connectors Connectors (Inlets/Outlets) www.schurter.com/pg07 Mating Outlets/Connectors Category / Description 200 Interconnection Cord Overview complete Interconnection Cord with Appliance Outlet For low voltage, Straight Interconnection Cord further types to 1200 1250 Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments. |
Price & Availability of 1200-H-ABC0-D-EGF |